PART |
Description |
Maker |
APT5010JN APT5012JN APT5012 |
POWER MOS IV 500V 48.0A 0.10 Ohm / 500V 43.0A 0.12 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N沟道增强型高压功率MOSFET
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Advanced Power Technology, Ltd.
|
FDH27N50 |
27A/ 500V/ 0.19 Ohm/ N-Channel SMPS Power MOSFET Discrete Commercial N-Channel SMPS Power MOSFET, 500V, 27A, 0.19 Ohms @ VGS = 10V, TO-247 Package 27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDH50N50 FDA50N50 |
500V N-Channel MOSFET 48 A, 500 V, 0.105 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel UniFET
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
FSL430R4 FSL430D FSL430D1 FSL430D3 FSL430R FSL430R |
2A/ 500V/ 2.50 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs 2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 2 A, 500 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation]
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
FRK460D FRK460H FRK460R FN3238 |
17A/ 500V/ 0.400 Ohm/ Rad Hard/ N-Channel Power MOSFETs 17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRF430 |
4.5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA 4.5A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET 4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
|
Intersil Corporation
|
IRF420 IRF421 IRF422 IRF423 |
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs 2.2A and 2.5A/ 450V and 500V/ 3.0 and 4.0 Ohm/ N-Channel Power MOSFETs
|
Intersil Corporation
|